|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Solid State Relays G3PA Extremely Thin Relays Integrated with Heat Sinks * Downsizing achieved through optimum design of heat sink. * Mounting possible via screws or via DIN track. * Close mounting possible for linking terminals. (Except for G3PA-260B-VD and G3PA-450B-VD-2.) * Applicable with 3-phase loads. * Replaceable power element cartridges. * Complies with VDE 0160 (finger protection), with a dielectric strength of 4,000 V between input and load. * Complies with VDE 0805, IEC 950. * Certified by UL, CSA, and VDE (reinforced insulation). Ordering Information List of Models To Order: Select the part number and add the rated input voltage range. (e.g., G3PA-430B-VD-2 DC12-24) Isolation Phototriac coupler Yes Zero cross function Indicator Yes Rated output load 10 A at 24 to 240 VAC 20 A at 24 to 240 VAC 40 A at 24 to 240 VAC 60 A at 24 to 240 VAC No 10 A at 24 to 240 VAC 20 A at 24 to 240 VAC 40 A at 24 to 240 VAC 60 A at 24 to 240 VAC Yes 10 A at 24 to 240 VAC 20 A at 24 to 240 VAC 40 A at 24 to 240 VAC 60 A at 24 to 240 VAC 20 A at 180 to 400 VAC 30 A at 180 to 400 VAC 20 A at 200 to 480 VAC 30 A at 200 to 480 VAC 50 A at 200 to 480 VAC 12 to 24 VDC 24 VAC Rated input voltage 5 to 24 VDC Model G3PA-210B-VD G3PA-220B-VD G3PA-240B-VD G3PA-260B-VD G3PA-210BL-VD G3PA-220BL-VD G3PA-240BL-VD G3PA-260BL-VD G3PA-210B-VD G3PA-220B-VD G3PA-240B-VD G3PA-260B-VD G3PA-420B-VD G3PA-430B-VD G3PA-420B-VD-2 G3PA-430B-VD-2 G3PA-450B-VD-2 Solid State Relays G3PA 437 Replacement Parts Name Power Device Cartridge Carry current 10 A Load voltage range 19 to 264 VAC Applicable SSR G3PA-210B-VD DC5-24 G3PA-210BL-VD DC5-24 G3PA-210B-VD AC24 20 A G3PA-220B-VD DC5-24 G3PA-220BL-VD DC5-24 G3PA-220B-VD AC24 40 A G3PA-240B-VD DC5-24 G3PA-240BL-VD DC5-24 G3PA-240B-VD AC24 60 A G3PA-260B-VD DC5-24 G3PA-260BL-VD DC5-24 G3PA-260B-VD AC24 20 A 30 A 20 A 30 A 50 A 180 to 528 VAC 150 to 440 VAC G3PA-420B-VD DC12-24 G3PA-430B-VD DC12-24 G3PA-420B-VD-2 DC12-24 G3PA-430B-VD-2 DC12-24 G3PA-450B-VD-2 DC12-24 Model G32A-A10-VD DC5-24 G32A-A10L-VD DC5-24 G32A-A10-VD AC24 G32A-A20-VD DC5-24 G32A-A20L-VD DC5-24 G32A-A20-VD AC24 G32A-A40-VD DC5-24 G32A-A40L-VD DC5-24 G32A-A40-VD AC24 G32A-A60-VD DC5-24 G32A-A60L-VD DC5-24 G32A-A60-VD AC24 G32A-A420-VD DC12-24 G32A-A430-VD DC12-24 G32A-A420-VD-2 DC12-24 G32A-A430-VD-2 DC12-24 G32A-A450-VD-2 DC12-24 VDE certification Yes Specifications Ratings (at an Ambient Temperature of 25C) Input Model G3PA-2B-VD G3PA-2BL-VD G3PA-2B-VD G3PA-4B-VD(-2) 24 VAC 12 to 24 VDC 19.2 to 26.4 VAC 9.6 to 30 VDC Rated voltage 5 to 24 VDC Operating Voltage range 4 to 30 VDC Input current impedance 7 mA max. 20 mA max. 1.4 k20% 7 mA max. 19.2 VAC max. 9.2 VDC max. 4.8 VAC min. 1 VDC min. Voltage level Must operate voltage 4 VDC max. Must release voltage 1 VDC min. Output Model Rated load voltage G3PA-210B(L)-VD G3PA-220B(L)-VD G3PA-240B(L)-VD G3PA-260B(L)-VD G3PA-420B-VD G3PA-430B-VD G3PA-420B-VD-2 G3PA-430B-VD-2 G3PA-450B-VD-2 Refer to Engineering Data for further details. 200 to 480 VAC (50/60 Hz) 180 to 528 VAC (50/60 Hz) 180 to 400 VAC (50/60 Hz) 150 to 440 VAC (50/60 Hz) 24 to 240 VAC (50/60 Hz) Applicable load Load voltage range 19 to 264 VAC (50/60 Hz) Load current 0.1 to 10 A 0.1 to 20 A 0.5 to 40 A 0.5 to 60 A 0.5 to 20 A 0.5 to 30 A 0.5 to 20 A 0.5 to 30 A 0.5 to 50 A Inrush current 150 A (60 Hz, 1 cycle) 220 A (60 Hz, 1 cycle) 440 A (60 Hz, 1 cycle) 440 A (60 Hz, 1 cycle) 220 A (60 Hz, 1 cycle) 440 A (60 Hz, 1 cycle) 220 A (60 Hz, 1 cycle) 440 A (60 Hz, 1 cycle) 440 A (60 Hz, 1 cycle) 438 Solid State Relays G3PA Characteristics Item G3PA210B(L)-VD G3PA220B(L)-VD G3PA240B(L)-VD G3PA260B(L)-VD G3PA420B-VD G3PA420B-VD-2 G3PA430B-VD G3PA430B-VD-2 G3PA450B-VD-2 Operate time 1/2 of load power source cycle + 1 ms max. (DC Input, -B models) 1 1/2 of load power source cycle + 1 ms max. (AC Input) 1 ms max. (-BL models) Release time 1/2 of load power source cycle + 1 ms max. (DC Input) 1 1/2 of load power source cycle + 1 ms max. (AC Input) Output ON 1.6 V (RMS) max. voltage drop Leakage current I2 t Insulation resistance Dielectric strength Vibration resistance Shock resistance Ambient temperature Certified standards 5 mA max. (at 100 VAC) 10 mA max. (at 200 VAC) 260 A2s 100 M min. (at 500 VDC) 4,000 VAC, 50/60 Hz for 1 min Malfunction: 10 to 55, 0.75-mm double amplitude (Mounted to DIN track) Malfunction: 300 m/s2 (mounted to DIN track) Operating:-30C to 80C (with no icing or condensation) Storage:-30C to 100C (with no icing or condensation) UL, CSA, EN60950 File No. 5915UG UL, CSA , EN609474-3 File No. 6642UG UL, CSA, EN60947-4-3 File No. 133127UG UL, CSA, UL, CSA, EN60947-4-3 File EN60947- No. 133127UG 4-3 File No. 6642UG 10 mA max. (at 100 VAC) 20 mA max. (at 200 VAC) 1,260 A2s 1.8 V (RMS) max. 20 mA max. (at 400 VAC) 260 A2s 20 mA max. (at 20 mA 480 VAC) max. (at 400 VAC) 1,800 A2s 1,800 A2s 20 mA max. (at 480 VAC) 1,800 A2s Ambient humidity Weight Operating: 45% to 85% Approx. 260 g Approx. 340 g Approx. 460 g Approx. 900 g Approx. 290 g Approx. 290 g Approx. 410 g Approx. 410 g Approx. 900 g Solid State Relays G3PA 439 Operation Replacement Parts G32A-A Power Device Cartridge The G32A-A Power Device Cartridge (a Triac Unit) can be replaced with a new one. When the temperature indicator has changed from pink to red, the triac circuitry may have malfunctioned possibly by an excessive flow of current, in which case, dismount the damaged cartridge for replacement. The damaged cartridge can be replaced with a new one without disconnecting the wires from the G3PA. Improve the heat radiation efficiency of the G3PA before replacing the cartridge. The G32A-A Power Device Cartridge can withstand an excessive current for a short period of time, such as may be caused accidentally by the short circuitry of the load, in which case the temperature indicator will not turn red. Be sure to turn OFF the power supply when replacing the Cartridge. Supplying power with the Cartridge removed may result in malfunction. Appearance G32A-A10(L)-VD G32A-A20(L)-VD G32A-A40(L)-VD G32A-A60(L)-VD G32A-A420-VD(-2) G32A-A430-VD(-2) G32A-A450-VD-2 Replacing Power Device Cartridges When replacing Power Device Cartridges, use the specified model. Using a Power Device Cartridge other than the specified one will result in faulty operation and destruction of the elements. 440 Solid State Relays G3PA Replacement Procedure G32A-A10(L)-VD/G32A-A20(L)-VD/G32-A420-VD(-2) Use the special tool (provided) to extract the cartridge for replacement with a new one. Extraction Follow the procedures below to remove the Power Device Cartridge from the G3PA. 1. Switch off the power. 2. Remove the terminal cover. 3. Hook the indented part of the cartridge with the tool (supplied with a new cartridge) and pull up on the cartridge to remove it. Remover Hook here with Remover. Apply silicone grease here. 2. Make sure that there is no dust or pieces of wire on the heat sink of the G32A-A or the G3PA. 3. Insert the cartridge into the opening of the G3PA so that the letters on the cartridge and those on the G3PA are in the same direction and side A and side B are even. Side A Side B Installation Follow the procedures below to Install the Power Device Cartridge on the G3PA. 1. Apply silicone grease (provided with the G32A-A) to the entire surface of the heat sink. 4. Attach the terminal cover. 5. Switch on the power and check the G3PA to be sure it works properly. G32A-A40(L)-VD/G32A-A60(L)-VD/G32A-A430-VD(-2)/G32A-A450-VD-2 The G32A Power Device Cartridge is mounted and secured with screws to the G3PA Unit. Extraction Follow the procedures below to remove the G32A-A Power Device Cartridge from the G3PA. 1. Switch off the power. 2. Remove the terminal cover. 3. Loosen the two centered screws on the sides to dismount the cartridge. The screws are connected to terminals 1 and 2. Installation Follow the procedures below to Install the Power Device Cartridge on the G3PA. 1. Apply silicone grease to the entire surface of the heat sink. Loosen Apply silicone grease here. Loosen 2. Make sure that there is no dust or pieces of wire on the heat sink of the G32A-A or the G3PA. 4. Loosen the screws on both the corners. Loosen Loosen 5. Hold the indented part of both the corners to remove the cartridge. Solid State Relays G3PA 441 3. Insert the cartridge into the opening of the G3PA so that side A and side B are even. Side A 4. Tighten the screws on both the corners with a tightening torque of 0.59 to 0.78 N*m. 5. Tighten the screws on both the sides with a tightening torque of 0.59 to 0.78 N*m. 6. Attach the terminal cover. 7. Switch on the power and check the G3PA to be sure it works properly. Side B Linking Terminal Connection * Connecting with linking terminal for G3PA-210B(L)-VD, -220B(L)VD, -240B(L)-VD and G3PA-420B-VD(-2), G3PA-430B-VD(-2). SSR1 SSR2 SSR1 SSR2 * Connecting with linking terminal to "G32A-D" series short circuit unit. (Order short circuit units seperately.) SSR G32A Unit SSR G32A Unit * 1. When SSRs are close mounted, loosen the M3.5 Sems screw and flip the linking terminal down. 2. Insert the linking terminal securely into the center of the screw and tighten the screw. * The cover will not fit if the terminal protrudes. 1. When SSR are close mounted, loosen the M3.5 Sems screw on the G32A and flip the linking terminal down. 2. Insert the linking terminal securely into the center of the screw and tighten the screw. Ensure that the linking terminal does not protrude. Connect the terminal with power off. Linking terminal Refer to the instruction manual for the G32A-A Power Device Cartridge to replace the G3PA's triac part. Linking terminal G3PA-420B-VD Linking terminal Linking terminal When the temperature indicator has turned from pink to red, the G32-A-A Power Device Cartridge may have malfunctioned, in which case the cartridge must be replaced with a new one. Use the terminal cover to prevent accidents due to electric shock. 442 Solid State Relays G3PA Engineering Data Load Current vs. Ambient Temperature Vertical Mounting Panel Ground G3PA-210B(L)-VD, G3PA-220B(L)-VD G3PA-220B(L)-VD 25 G3PA-240B(L)-VD G3PA-260B(L)-VD 80 Load current (A) Load current (A) Load current (A) 60 G3PA-210B(L)-VD 15 40 25 20 -30 -20 0 20 40 60 80 100 Ambient temperature (C) Ambient temperature (C) Ambient temperature (C) G3PA-420B-VD, G3PA-420B-VD-2 G3PA-430B-VD, G3PA-430B-VD-2 G3PA-450B-VD-2 Load current (A) Load current (A) Ambient temperature (C) Ambient temperature (C) Load current (A) Ambient temperature (C) Note: Close mounting is possible for a maximum of three Units by reducing the load current by 20%. (A minimum clearance of 10 mm must be provided when mounting four or more Units.) Solid State Relays G3PA 443 Input Voltage vs. Input Current G3PA-2@0B-VD Input impedance (k) Input current (mA) 8 6 4 Input current Ta = 25C G3PA-4@0-VD, G3PA-4@-VD-2 Input impedance (k) Input current (mA) 10 8 6 4 T = 25C Input current 2 2 Input impedance 1 0.8 0.6 0.4 1 0.8 0.6 0.4 Input impedance 0.2 0.1 1 0.2 0.1 2 4 6 8 10 20 40 1 2 4 6 8 10 20 40 Input voltage (V) Input voltage (V) Horizontal Mounting Panel Ground G3PA-210B(L)-VD, G3PA-220B(L)-VD G3PA-240B(L)-VD G3PA-260B(L)-VD Load current (A) Load current (A) 20 Load current (A) G3PA-220B(L)-VD 60 28 15 14 11 10 7 5.5 5 3.5 G3PA-210B(L)-VD 42 40 11 10 20 18 -30 -20 0 20 40 60 80 100 Ambient temperature (C) Ambient temperature (C) Ambient temperature (C) G3PA-420B-VD, G3PA-430B-VD G3PA-420B -VD-2, G3PA-430B-VD-2 G3PA-450B-VD-2 Load current (A) G3PA-430B-VD G3PA-420B-VD Ambient temperature (C) Load current (A) Ambient temperature (C) 444 Solid State Relays G3PA Close Mounting (Up to Three) Panel Ground DIN track G3PA-210B(L)-VD, G3PA-220B(L)-VD 30 27 G3PA-240B(L)-VD 45 40 G3PA-260B(L)-VD Load current (A) Load current (A) 20 18 15 13 9 7 5 4.5 G3PA-220B-VD 30 Load current (A) 36 64 48 40 20 14 10 G3PA-210B-VD 20 -30 -20 0 20 40 60 80 100 Ambient temperature (C) Ambient temperature (C) Ambient temperature (C) G3PA-420B-VD, G3PA-420B-VD-2 30 G3PA-430B-VD, G3PA-430B-VD-2 40 Load current (A) 20 16 Load current (A) 10 30 80 100 30 24 20 10 10 -30 -30 10 30 80 Ambient temperature (C) Ambient temperature (C) G3PA-450B-VD-2 Load current (A) Ambient temperature (C) Solid State Relays G3PA 445 Inrush Current Resistivity One cycle, non-repetitive (Keep the inrush current to half the rated value if it occurs repetitively.) G3PA-210B(L)-VD G3PA-220B(L)-VD, G3PA-420B-VD, G3PA-420B-VD-2 G3PA-240B(L)-VD/260B(L)-VD, G3PA-430B-VD, G3PA-430B-VD-2, G3PA-450B-VD-2 Inrush current (A. Peak) Inrush current (A. Peak) Energized time (ms) Energized time (ms) Inrush current (A. Peak) Energized time (ms) 446 Solid State Relays G3PA Dimensions Note: All units are in millimeters unless otherwise indicated. G3PA-210B(L)-VD Without Terminal Cover Two, M4 Linking terminal B1 With Terminal Cover 4.6 dia. Mounting Holes Two, 4.5 dia. or M4 holes Terminal Arrangement/ Internal Connections Trigger circuit Linking terminal B2 4.6 x 5.6 elliptical hole 100 max. G3PA-220B(L)-VD Without Terminal Cover Linking terminal B1 Two, M4 With Terminal Cover 4.6 dia. Mounting Holes Two, 4.5 dia. or M4 holes Terminal Arrangement/ Internal Connections Trigger circuit Linking terminal B2 4.6 x 5.6 elliptical hole 100 max. G3PA-240B(L)-VD Without Terminal Cover Linking terminal B1 Two, M5 With Terminal Cover 4.6 dia. Mounting Holes Two, 4.5 dia. or M4 holes Terminal Arrangement/ Internal Connections Trigger circuit Linking terminal B2 4.6 x 5.6 elliptical hole 100 max. Solid State Relays G3PA Input circuit Two, M3.5 Input circuit Two, M3.5 Input circuit Two, M3.5 447 G3PA-260B(L)-VD G3PA-450B-VD-2 With Terminal Cover 4.6 dia. Without Terminal Cover Two, M5 Two, M3.5 Mounting Holes Two, 4.5 dia. or M4 holes Terminal Arrangement/ Internal Connections Trigger circuit 4.6 x 5.6 elliptical hole 110 max. 100 max. G3PA-420B-VD, G3PA-420B-VD-2 Without Terminal Cover Two, M4 7.6 Linking terminal 67+B1 Linking terminal -B2 With Terminal Cover 4.6 dia. Mounting Holes Two, 4.5 dia. or M4 Terminal Arrangement/ Internal Connections 900.2 Trigger circuit Input circuit 38 100 max. 80 900.3 8.6 Two, M3.5 2.2 8.8 13.2 4.5 x 5.6 elliptic hole 250.2 37 max. 100 max. 4.5 90 91 G3PA-430B-VD, G3PA-430B-VD-2 Without Terminal Cover Two, M5 7.6 Input circuit With Terminal Cover 4.6 dia. Mounting Holes Two, 4.5 dia. or M4 Terminal Arrangement/ Internal Connections 67 Linking terminal +B1 Linking terminal -B2 38 100 900.2 80 max. 900.3 13 4.6 x 5.6 elliptic hole 350.2 47 max. 100 max. 4.5 18 13 350.3 89 91 448 Solid State Relays G3PA Trigger circuit Input circuit Safety Precautions Precautions for Correct Use Please observe the following precautions to prevent failure to operate, malfunction, or undesirable effect on product performance. Load For a DC or L load, a diode should be connected in parallel the load to absorb the counter electromotive force of the load. Load Connection For an AC load, use a power supply rated at 50 or 60 Hz. The maximum operating frequency is 10 Hz. The G3PA-(VD) has a built-in varistor for overvoltage protection. At a low applied voltage, such as 24 VAC, the load current is not fully supplied. When the Unit is switched ON, the voltage required to power the Unit deprives the output signal of the necessary voltage level and thus creates loss time. The lower the load voltage is, the greater the loss time is. This condition, however, will not create any serious problems. Input SSR Load power supply Noise Terminal Voltage according to EN55011 The G3PA-(VD) complies with EN55011 standards when a capacitor is connected to the load power supply as shown in the following circuit diagram. Load Input G3PA-(VD) Output Recommended Capacitor: 1 F, 250 VAC Loss time Mounting When attaching a heat sink to the G3PA-(VD), in order to facilitate heat dissipation, apply silicone grease or equivalent heat-conductive grease on the heat sink. (Toshiba Silicone, Shinetsu Silicone, etc.) Tighten the mounting screws of the heat sink with a torque of 0.78 to 0.98 N*m. * Screw or DIN track mounting is possible. * Vertical mounting should usually be used. Vertical mounting Panel * Close mounting is also possible. * Close mounting is possible for up to 3 G3PA SSRs. (If there are 4 or more SSRs, mount at intervals of 10 mm min.) Reduce the load current by 10% for G3PA-210B-VD, -220B-VD, -240B-VD and by 20% for G3PA-260B-VD, 420B-VD(-2), -430B-VD(-2), -450B-VD-2. * Leave a distance of 80 mm The rated ambient temperature is 40C. (30C for 400 V.) Close mounting Vertical Vertical Vertical DIN track G3PA G3PA 80 mm DIN track Horizontal mounting Panel * With vertical mounting, reduce the load current by 30%. (Refer to the Load Current vs. Ambient Temperature graph.) Note: Leave a distance of 60 mm min. between SSRs and ducts (especially above the SSR). Solid State Relays G3PA 449 Close Mounting SSR Mounting Pitch Panel Mounting (At a rated ambient temperature of 40C). Duct or airflow obstruction An SSR uses a semiconductor in the output element. This causes the temperature inside the control panel to increase due to heating resulting from the passage of electrical current through the load. To restrict heating, attach a fan to the ventilation outlet or air inlet of the control panel to ventilate the panel. This will reduce the ambient temperature of the SSRs and thus increase reliability. (Generally, each 10C reduction in temperature will double the expected life.) Load current (A) 10 A 0.16 20 A 0.31 30 A 0.47 40 A 0.62 60 A 0.93 SSR Mounting direction Vertical direction 60 mm min. Between duct or airflow obstruction and SSR 30 mm min. Required number of fans per SSR Example: For 10 SSRs with load currents of 20 A, 0.31 x 10 = 3.1 Thus, 4 fans would be required. Size of fans: 92 mm2, Air volume: 0.7 m3/min, Ambient temperature of control panel: 30C 80 mm min. Space between SSRs Close Mounting min. If there are instruments that generate heat in the control panel other than SSRs, additional ventilation will be required. Relationship between SSRs and Ducts Duct Height Countermeasure (1) 50 mm max. Duct or airflow obstruction (A height of no more than half the SSR's height is recommended.) G3PA Countermeasure (2) Mounting surface G3PA Mounting surface Airflow G3PA Vertical direction Duct or airflow obstruction Do not surround the SSR with ducts, otherwise the heat radiation of the SSR will be adversely affected. Use short ducts. Mounting surface If the ducts cannot be shortened, place the SSR on a metal base so that it is not surrounded by the ducts. Ventilation Be aware of air flow Duct or air flow obstruction Ventilation outlet G3PA G3PA G3PA Air inlet If the air inlet or air outlet has a filter, clean the filter regularly to prevent it from clogging and ensure an efficient flow of air. Do not locate any objects around the air inlet or air outlet, otherwise the objects may obstruct the proper ventilation of the control panel. A heat exchanger, if used, should be located in front of the SSR Units to ensure the efficiency of the heat exchanger. Please reduce the ambient temperature of SSRs. The rated load current of an SSR is measured at an ambient temperature of 25 or 40C. 450 Solid State Relays G3PA Omron Electronic Components, LLC Terms and Conditions of Sales I. GENERAL 1. Definitions: The words used herein are defined as follows. (a) Terms: These terms and conditions (b) Seller: Omron Electronic Components LLC and its subsidiaries (c) Buyer: The buyer of Products, including any end user in section III through VI (d) Products: Products and/or services of Seller (e) Including: Including without limitation 2. Offer; Acceptance: These Terms are deemed part of all quotations, acknowledgments, invoices, purchase orders and other documents, whether electronic or in writing, relating to the sale of Products by Seller. Seller hereby objects to any Terms proposed in Buyer's purchase order or other documents which are inconsistent with, or in addition to, these Terms. 3. Distributor: Any distributor shall inform its customer of the contents after and including section III of these Terms. II. SALES 1. Prices; Payment: All prices stated are current, subject to change without notice by Seller. Buyer agrees to pay the price in effect at the time the purchase order is accepted by Seller. Payments for Products received are due net 30 days unless otherwise stated in the invoice. Buyer shall have no right to set off any amounts against the amount owing in respect of this invoice. 2. Discounts: Cash discounts, if any, will apply only on the net amount of invoices sent to Buyer after deducting transportation charges, taxes and duties, and will be allowed only if (a) the invoice is paid according to Seller's payment terms and (b) Buyer has no past due amounts owing to Seller. 3. Interest: Seller, at its option, may charge Buyer 1.5% interest per month or the maximum legal rate, whichever is less, on any balance not paid within the stated terms. 4. Orders: Seller will accept no order less than 200 U.S. dollars net billing. 5. Currencies: If the prices quoted herein are in a currency other than U.S. dollars, Buyer shall make remittance to Seller at the then current exchange rate most favorable to Seller; provided that if remittance is not made when due, Buyer will convert the amount to U.S. dollars at the then current exchange rate most favorable to Seller available during the period between the due date and the date remittance is actually made. 6. Governmental Approvals: Buyer shall be responsible for all costs involved in obtaining any government approvals regarding the importation or sale of the Products. 7. Taxes: All taxes, duties and other governmental charges (other than general real property and income taxes), including any interest or penalties thereon, imposed directly or indirectly on Seller or required to be collected directly or indirectly by Seller for the manufacture, production, sale, delivery, importation, consumption or use of the Products sold hereunder (including customs duties and sales, excise, use, turnover and license taxes) shall be charged to and remitted by Buyer to Seller. 8. Financial: If the financial position of Buyer at any time becomes unsatisfactory to Seller, Seller reserves the right to stop shipments or require satisfactory security or payment in advance. If Buyer fails to make payment or otherwise comply with these Terms or any related agreement, Seller may (without liability and in addition to other remedies) cancel any unshipped portion of Products sold hereunder and stop any Products in transit until Buyer pays all amounts, including amounts payable hereunder, whether or not then due, which are owing to it by Buyer. Buyer shall in any event remain liable for all unpaid accounts. 9. Cancellation; Etc: Orders are not subject to rescheduling or cancellation unless Buyer indemnifies Seller fully against all costs or expenses arising in connection therewith. 10. Force Majeure: Seller shall not be liable for any delay or failure in delivery resulting from causes beyond its control, including earthquakes, fires, floods, strikes or other labor disputes, shortage of labor or materials, accidents to machinery, acts of sabotage, riots, delay in or lack of transportation or the requirements of any government authority. 11. Shipping; Delivery: Unless otherwise expressly agreed in writing by Seller: (a) All sales and shipments of Products shall be FOB shipping point (unless otherwise stated in writing by Seller), at which point title to and all risk of loss of the Products shall pass from Seller to Buyer, provided that Seller shall retain a security interest in the Products until the full purchase price is paid by Buyer; (b) Delivery and shipping dates are estimates only; and (c) Seller will package Products as it deems proper for protection against normal handling and extra charges apply to special conditions. 12. Claims: Any claim by Buyer against Seller for shortage or damage to the Products occurring before delivery to the carrier or any claim related to pricing or other charges must be presented in detail in writing to Seller within 30 days of receipt of shipment. III. PRECAUTIONS 1. Suitability: IT IS THE BUYER'S SOLE RESPOINSIBILITY TO ENSURE THAT ANY OMRON PRODUCT IS FIT AND SUFFICIENT FOR USE IN A MOTORIZED VEHICLE APPLICATION. BUYER SHALL BE SOLELY RESPONSIBLE FOR DETERMINING APPROPRIATENESS OF THE PARTICULAR PRODUCT WITH RESPECT TO THE BUYER'S APPLICATION INCLUDING (A) ELECTRICAL OR ELECTRONIC COMPONENTS, (B) CIRCUITS, (C) SYSTEM ASSEMBLIES, (D) END PRODUCT, (E) SYSTEM, (F) MATERIALS OR SUBSTANCES OR (G) OPERATING ENVIRONMENT. Buyer acknowledges that it alone has determined that the Products will meet their requirements of the intended use in all cases. Buyer must know and observe all prohibitions of use applicable to the Product/s. 2. Use with Attention: The followings are some examples of applications for which particular attention must be given. This is not intended to be an exhaustive list of all possible use of any Product, nor to imply that any use listed may be suitable for any Product: (a) Outdoor use, use involving potential chemical contamination or electrical interference. (b) Use in consumer Products or any use in significant quantities. (c) Energy control systems, combustion systems, railroad systems, aviation systems, medical equipment, amusement machines, vehicles, safety equipment, and installations subject to separate industry or government regulations. (d) Systems, machines, and equipment that could present a risk to life or property. 3. Prohibited Use: NEVER USE THE PRODUCT FOR AN APPLICATION INVOLVING SERIOUS RISK TO LIFE OR PROPERTY WITHOUT ENSURING THAT THE SYSTEM AS A WHOLE HAS BEEN DESIGNED TO ADDRESS THE RISKS, AND THAT THE PRODUCT IS PROPERLY RATED AND INSTALLED FOR THE INTENDED USE WITHIN THE OVERALL EQUIPMENT OR SYSTEM. 4. Motorized Vehicle Application: USE OF ANY PRODUCT/S FOR A MOTORIZED VEHICLE APPLICATION MUST BE EXPRESSLY STATED IN THE SPECIFICATION BY SELLER. 5. Programmable Products: Seller shall not be responsible for the Buyer's programming of a programmable Product. IV. WARRANTY AND LIMITATION 1. Warranty: Seller's exclusive warranty is that the Products will be free from defects in materials and workmanship for a period of twelve months from the date of sale by Seller (or such other period expressed in writing by Seller). SELLER MAKES NO WARRANTY OR REPRESENTATION, EXPRESS OR IMPLIED, ABOUT ALL OTHER WARRANTIES, NON-INFRINGEMENT, MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OF THE PRODUCTS. 2. Buyer Remedy: Seller's sole obligation hereunder shall be to replace (in the form originally shipped with Buyer responsible for labor charges for removal or replacement thereof) the non-complying Product or, at Seller's election, to repay or credit Buyer an amount equal to the purchase price of the Product; provided that there shall be no liability for Seller or its affiliates unless Seller's analysis confirms that the Products were correctly handled, stored, installed and maintained and not subject to contamination, abuse, misuse or inappropriate modification. Return of any Products by Buyer must be approved in writing by Seller before shipment. 3. Limitation on Liability: SELLER AND ITS AFFILIATES SHALL NOT BE LIABLE FOR SPECIAL, INDIRECT, INCIDENTAL OR CONSEQUENTIAL DAMAGES, LOSS OF PROFITS OR PRODUCTION OR COMMERCIAL LOSS IN ANY WAY CONNECTED WITH THE PRODUCTS, WHETHER SUCH CLAIM IS BASED IN CONTRACT, WARRANTY, NEGLIGENCE OR STRICT LIABILITY. FURTHER, IN NO EVENT SHALL LIABILITY OF SELLER OR ITS AFFILITATES EXCEED THE INDIVIDUAL PRICE OF THE PRODUCT ON WHICH LIABILITY IS ASSERTED. 4. Indemnities: Buyer shall indemnify and hold harmless Seller, its affiliates and its employees from and against all liabilities, losses, claims, costs and expenses (including attorney's fees and expenses) related to any claim, investigation, litigation or proceeding (whether or not Seller is a party) which arises or is alleged to arise from Buyer's acts or omissions under these Terms or in any way with respect to the Products. V. INFORMATION; ETC. 1. Intellectual Property: The intellectual property embodied in the Products is the exclusive property of Seller and its affiliates and Buyer shall not attempt to duplicate it in any way without the written permission of Seller. Buyer (at its own expense) shall indemnify and hold harmless Seller and defend or settle any action brought against Seller to the extent that it is based on a claim that any Product made to Buyer specifications infringed intellectual property rights of another party. 2. Property; Confidentiality: Notwithstanding any charges to Buyer for engineering or tooling, all engineering and tooling shall remain the exclusive property of Seller. All information and materials supplied by Seller to Buyer relating to the Products are confidential and proprietary, and Buyer shall limit distribution thereof to its trusted employees and strictly prevent disclosure to any third party. 3. Performance Data: Performance data is provided as a guide in determining suitability and does not constitute a warranty. It may represent the result of Seller's test conditions, and the users must correlate it to actual application requirements. 4. Change In Specifications: Product specifications and descriptions may be changed at any time based on improvements or other reasons. It is Seller's practice to change part numbers when published ratings or features are changed, or when significant engineering changes are made. However, some specifications of the Product may be changed without any notice. 5. Errors And Omissions: The information on Seller's website or in other documentation has been carefully checked and is believed to be accurate; however, no responsibility is assumed for clerical, typographical or proofreading errors or omissions. 6. Export Controls: Buyer shall comply with all applicable laws, regulations and licenses regarding (a) export of the Products or information provided by Seller; (b) sale of Products to forbidden or other proscribed persons or organizations; (c) disclosure to noncitizens of regulated technology or information. VI. MISCELLANEOUS 1. Waiver: No failure or delay by Seller in exercising any right and no course of dealing between Buyer and Seller shall operate as a waiver of rights by Seller. 2. Assignment: Buyer may not assign its rights hereunder without Seller's written consent. 3. Law: These Terms are governed by Illinois law (without regard to conflict of laws). Federal and state courts in Cook County, Illinois have exclusive jurisdiction for any dispute hereunder. 4. Amendment: These Terms constitute the entire agreement between Buyer and Seller relating to the Products, and no provision may be changed or waived unless in writing signed by the parties. 5. Severability: If any provision hereof is rendered ineffective or invalid, such provision shall not invalidate any other provision. Solid State Relays G3PA Certain Precautions on Specifications and Use 1. Suitability for Use. Seller shall not be responsible for conformity with any standards, codes or regulations which apply to the combination of the Product in Buyer's application or use of the Product. At Buyer's request, Seller will provide applicable third party certification documents identifying ratings and limitations of use which apply to the Product. This information by itself is not sufficient for a complete determination of the suitability of the Product in combination with the end product, machine, system, or other application or use. Buyer shall be solely responsible for determining appropriateness of the particular Product with respect to Buyer's application, product or system. Buyer shall take application responsibility in all cases but the following is a nonexhaustive list of applications for which particular attention must be given: (i) Outdoor use, uses involving potential chemical contamination or electrical interference, or conditions or uses not described in this document. (ii) Energy control systems, combustion systems, railroad systems, aviation systems, medical equipment, amusement machines, vehicles, safety equipment, and installations subject to separate industry or government regulations. (iii) Use in consumer products or any use in significant quantities. (iv) Systems, machines and equipment that could present a risk to life or property. Please know and observe all prohibitions of use applicable to this product. NEVER USE THE PRODUCT FOR AN APPLICATION INVOLVING SERIOUS RISK TO LIFE OR PROPERTY WITHOUT ENSURING THAT THE SYSTEM AS A WHOLE HAS BEEN DESIGNED TO ADDRESS THE RISKS, AND THAT THE OMRON PRODUCT IS PROPERLY RATED AND INSTALLED FOR THE INTENDED USE WITHIN THE OVERALL EQUIPMENT OR SYSTEM. 2. Programmable Products. Seller shall not be responsible for the user's programming of a programmable product, or any consequence thereof. 3. Performance Data. Performance data given in this publication is provided as a guide for the user in determining suitability and does not constitute a warranty. It may represent the result of Seller's test conditions, and the users must correlate it to actual application requirements. Actual performance is subject to Seller's Warranty and Limitations of Liability. 4. Change in Specifications. Product specifications and accessories may be changed at any time based on improvements and other reasons. It is our practice to change part numbers when published ratings or features are changed, or when significant construction changes are made. However, some specifications of the Product may be changed without any notice. When in doubt, special part numbers may be assigned to fix or establish key specifications for your application. Please consult with your Seller representative at any time to confirm actual specifications of purchased Product. 5. Errors and Omissions. The information in this publication has been carefully checked and is believed to be accurate; however, no responsibility is assumed for clerical, typographical or proofreading errors, or omissions. 6. RoHS Compliance. Where indicated, our products currently comply, to the best of our knowledge as of the date of this publication, with the requirements of the European Union's Directive on the Restriction of certain Hazardous Substances ("RoHS"), although the requirements of RoHS do not take effect until July 2006. These requirements may be subject to change. Please consult our website for current information. Complete "Terms and Conditions of Sale" for product purchase and use are on Omron's website at http://www.components.omron.com - under the "About Us" tab, in the Legal Matters section. ALL DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527. OMRON ELECTRONIC COMPONENTS LLC 55 E. Commerce Drive, Suite B Schaumburg, IL 60173 OMRON ON-LINE Global - http://www.omron.com USA - http://www.components.omron.com 847-882-2288 Cat. No. X301-E-1 06/09 Specifications subject to change without notice Printed in USA Solid State Relays G3PA |
Price & Availability of G3PA-450B-VD-2 |